| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGC3030 bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MGC3030 bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 46 page ![]() 9. Development Support Microchip provides software and hardware development tools for the MGC3140: • Software: – Aurea Software Package – MGC3140 Linux Driver • Schematics: – GestIC Hardware References 9.1 Aurea Software Package The Aurea evaluation software demonstrates Microchip’s GestIC technology and its features and applications. Aurea provides visualization of the MGC3140 generated data and access to GestIC Library controls and configuration parameters. That contains the following: • Visualization of hand position and user gestures • Visualization of sensor data • Real-time control of sensor features • MGC3140 GestIC Library update • Analog front-end parameterization • Advanced sensor parameterization • Logging of sensor values and storage in a log file 9.2 MGC3140 Linux Driver Microchip provides a reference Linux driver which is available on: github.com/MicrochipTech/linux-at91-Gestic. 9.3 GestIC® Hardware References The GestIC Hardware References package contains the PCB Layouts (Gerber files) for the MGC development kits (Emerald, Hillstar and Woodstar) and a collection of electrode reference designs fitting all kits. In addition, the package includes designs, parameter files and host code of various demonstrators which represent complete systems for embedded or PC-based applications. The GestIC Hardware Reference package can be downloaded from Microchip’s website via www.microchip.com/GestICResources. 9.4 Evaluation and Demonstration Kits For the complete list of demonstration, development and evaluation kits, refer to the Microchip website. MGC3140 Development Support © 2018-2022 Microchip Technology Inc. and its subsidiaries Advance Information Datasheet DS40002037C-page 33 |