| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC64 bảng dữ liệu(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC64 bảng dữ liệu(HTML) 34 Page - Microchip Technology |
|
34 / 51 page ![]() 24AA64/24FC64/24LC64 DS20001189U-page 34 1997-2022 Microchip Technology Inc. and its subsidiaries TOP VIEW VIEW A–A SIDE VIEW Sheet 1 of 2 Note: http://www.microchip.com/packaging For the most current package drawings, please see the Microchip Packaging Specification located at 8-Lead Plastic Small Outline (SM) - Medium, 5.28 mm (.208 Inch) Body [SOIJ] Microchip Technology Drawing C04-056 Rev D A B D C SEATING PLANE 0.20 C 2X 4 TIPS 0.10 C 18X 0.25 C A-B D A A 0.10 C D 2X 0.10 C A-B 12 N SEE DETAIL B 0.10 C NOTE 1 D E E1 e E1 2 E 2 2X A A2 A1 8X b |