| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358ADE4 bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358ADE4 bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 64 page ![]() 11.2 Layout Examples OUT1 OUT2 IN1 í IN1+ V í V+ IN2 í IN2+ RG RIN RF GND VIN VS í GND VS+ GND Run the input traces as far away from the supply lines as possible Only needed for dual-supply operation Place components close to device and to each other to reduce parasitic errors Use low-ESR, ceramic bypass capacitor (or GND for single supply) Ground (GND) plane on another layer Figure 11-1. Operational Amplifier Board Layout for Noninverting Configuration + RIN RG RF VOUT VIN Figure 11-2. Operational Amplifier Schematic for Noninverting Configuration LM158, LM158A, LM258, LM258A LM2904, LM2904B, LM2904BA, LM2904V LM358, LM358A, LM358B, LM358BA SLOS068AA – JUNE 1976 – REVISED MARCH 2022 www.ti.com 30 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA |