công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RX5VT bảng dữ liệu(PDF) 28 Page - RICOH electronics devices division

tên linh kiện RX5VT
Giải thích chi tiết về linh kiện  LOW VOLTAGE DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICOH [RICOH electronics devices division]
Trang chủ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT bảng dữ liệu(HTML) 28 Page - RICOH electronics devices division

Back Button RX5VT Datasheet HTML 23Page - RICOH electronics devices division RX5VT Datasheet HTML 24Page - RICOH electronics devices division RX5VT Datasheet HTML 25Page - RICOH electronics devices division RX5VT Datasheet HTML 26Page - RICOH electronics devices division RX5VT Datasheet HTML 27Page - RICOH electronics devices division RX5VT Datasheet HTML 28Page - RICOH electronics devices division RX5VT Datasheet HTML 29Page - RICOH electronics devices division RX5VT Datasheet HTML 30Page - RICOH electronics devices division RX5VT Datasheet HTML 31Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
R
×5VT
24
1. When R
×5VT××C (CMOS Output) is used in FIG. 9, this IC may oscillate by the through-type current atthe
detection when impedance is connected between Power Source VDD and R
×5VT VDD Pin.When
R
×5VT××A (Nch Open Drain Output) is used in FIG. 9, and R becomes excessively large, Detector Threshold
may be varied because of the voltage drop of the supply current in the IC itself.
2. The connection as shown in FIG. 10 may cause the oscillation in both R
×5VT××C (CMOS Output) and
R
×5VT××A (Nch Open Drain Output).
FIG.9
SERIES
R
×5VT
VDD
VDD
GND
OUT
R2
R1
FIG.10
APPLICATION HINTS
SERIES
VDD
VDD
OUT
R
GND
R
×5VT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31