| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5602CFMLL6R bảng dữ liệu(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5602CFMLL6R bảng dữ liệu(HTML) 64 Page - NXP Semiconductors |
|
64 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 15 Package pinouts and signal descriptions NXP Semiconductors 64 Figure 14. Crystal oscillator and resonator connection scheme Table 36. Crystal description Nominal frequency (MHz) NDK crystal reference Crystal equivalent series resistance ESR Ω Crystal motional capacitance (Cm) fF Crystal motional inductance (Lm) mH Load on xtalin/xtalout C1 = C2 (pF)1 1 The values specified for C1 and C2 are the same as used in simulations. It should be ensured that the testing includes all the parasitics (from the board, probe, crystal, etc.) as the AC / transient behavior depends upon them. Shunt capacitance between xtalout and xtalin C02 (pF) 2 The value of C0 specified here includes 2 pF additional capacitance for parasitics (to be seen with bond-pads, package, etc.). 4 NX8045GB 300 2.68 591.0 21 2.93 8 NX5032GA 300 2.46 160.7 17 3.01 10 150 2.93 86.6 15 2.91 12 120 3.11 56.5 15 2.93 16 120 3.90 25.3 10 3.00 C2 C1 XTAL EXTAL XTAL EXTAL DEVICE DEVICE DEVICE XTAL EXTAL I R VDD 2. A series resistor may be required, according to crystal oscillator supplier recommendations. 1. XTAL/EXTAL must not be directly used to drive external circuits Notes: |