| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 42 Page - Texas Instruments |
|
42 / 64 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM358PWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWRG3 TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWRG4 TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWRG4-JF TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM258ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM258ADGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM258ADR SOIC D 8 2500 853.0 449.0 35.0 LM258ADR SOIC D 8 2500 364.0 364.0 27.0 LM258ADR SOIC D 8 2500 340.5 336.1 25.0 LM258ADR SOIC D 8 2500 340.5 336.1 25.0 LM258ADR SOIC D 8 2500 853.0 449.0 35.0 LM258ADRG4 SOIC D 8 2500 853.0 449.0 35.0 LM258ADRG4 SOIC D 8 2500 853.0 449.0 35.0 LM258ADRG4 SOIC D 8 2500 340.5 336.1 25.0 LM258ADRG4 SOIC D 8 2500 340.5 336.1 25.0 LM258DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 PACKAGE MATERIALS INFORMATION www.ti.com 11-Apr-2022 Pack Materials-Page 4 |