| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6421 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 235 page ![]() Table 5-1. Device Comparison (continued) FEATURES REFERENCE NAME AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 Enhanced Capture Module ECAP 3 Enhanced Quadrature Encoder Pulse Module EQEP 3 Universal Asynchronous Receiver and Transmitter UART 9 Universal Serial Bus (USB3.1 Gen1) SuperSpeed Dual-Role-Device (DRD) Ports with SS PHY USB0 Yes (1) For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device TRM. (2) Full CAN-FD Support is available when selecting an orderable part number that includes a feature code of E or F. Refer to Nomenclature Description for definition of feature codes. (3) One flash interface, configured as OSPI0 or QSPI0. (4) Functional Safety is available when selecting an orderable part number that includes a feature code of F. Refer to Nomenclature Description for definition of feature codes. (5) Programmable Real-Time Unit Subsystem is available when selecting an orderable part number that includes a feature code of C. Refer to Nomenclature Description for definition of feature codes. (6) Industrial Communication Subsystem Support is available when selecting an orderable part number that includes a feature code of D, E, or F. Refer to Nomenclature Description for definition of feature codes. www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |