công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602CAMMG4R bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện MPC5602CAMMG4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CAMMG4R bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button MPC5602CAMMG4R Datasheet HTML 7Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 8Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 9Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 10Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 11Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 12Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 13Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 14Page - NXP Semiconductors MPC5602CAMMG4R Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
11
2.2
Pad configuration during reset phases
All pads have a fixed configuration under reset.
During the power-up phase, all pads are forced to tristate.
After power-up phase, all pads are forced to tristate with the following exceptions:
•
PA[9] (FAB) is pull-down. Without external strong pull-up the device starts fetching from flash.
•
PA[8] (ABS[0]) is pull-up.
•
RESET pad is driven low. This is pull-up only after PHASE2 reset completion.
•
JTAG pads (TCK, TMS and TDI) are pull-up whilst TDO remains tristate.
•
Precise ADC pads (PB[7:4] and PD[11:0]) are left tristate (no output buffer available).
1
2
3
4
5
6
7
8
9
10
111213141516
A
PC[8]
PC[13]
NC
NC
PH[8]
PH[4]
PC[5]
PC[0]
NC
NC
PC[2]
NC
PE[15]
NC
NC
NC
A
B
PC[9]
PB[2]
NC
PC[12]
PE[6]
PH[5]
PC[4]
PH[9]
PH[10]
NC
PC[3]
PG[11]
PG[15]
PG[14]
PA[11]
PA[10]
B
C
PC[14]
VDD_HV
PB[3]
PE[7]
PH[7]
PE[5]
PE[3]
VSS_LV
PC[1]
NC
PA[5]
NC
PE[14]
PE[12]
PA[9]
PA[8]
C
D
NC
NC
PC[15]
NC
PH[6]
PE[4]
PE[2]
VDD_LV
VDD_HV
NC
PA[6]
NC
PG[10]
PF[14]
PE[13]
PA[7]
D
E
PG[4]
PG[5]
PG[3]
PG[2]
PG[1]
PG[0]
PF[15]
VDD_HV
E
F
PE[0]
PA[2]
PA[1]
PE[1]
PH[0]
PH[1]
PH[3]
PH[2]
F
G
PE[9]
PE[8]
PE[10]
PA[0]
VSS_HV
VSS_HV
VSS_HV
VSS_HV
VDD_HV
NC
NC
MSEO
G
H
VSS_HV
PE[11]
VDD_HV
NC
VSS_HV
VSS_HV
VSS_HV
VSS_HV
MDO3
MDO2
MDO0
MDO1
H
J
RESET
VSS_LV
NC
NC
VSS_HV
VSS_HV
VSS_HV
VSS_HV
NC
NC
NC
NC
J
K
EVTI
NC
VDD_BV
VDD_LV
VSS_HV
VSS_HV
VSS_HV
VSS_HV
NC
PG[12]
PA[3]
PG[13]
K
L
PG[9]
PG[8]
NC
EVTO
PB[15]
PD[15]
PD[14]
PB[14]
L
M
PG[7]
PG[6]
PC[10]
PC[11]
PB[13]
PD[13]
PD[12]
PB[12]
M
N
PB[1]
PF[9]
PB[0]
NC
NC
PA[4]
VSS_LV
EXTAL
VDD_HV
PF[0]
PF[4]
NC
PB[11]
PD[10]
PD[9]
PD[11]
N
P
PF[8]
NC
PC[7]
NC
NC
PA[14]
VDD_LV
XTAL
PB[10]
PF[1]
PF[5]
PD[0]
PD[3]
VDD_HV
_ADC
PB[6]
PB[7]
P
R
PF[12]
PC[6]
PF[10]
PF[11]
VDD_HV
PA[15]
PA[13]
NC
OSC32K
_XTAL
PF[3]
PF[7]
PD[2]
PD[4]
PD[7]
VSS_HV
_ADC
PB[5]
R
T
NC
NC
NC
MCKO
NC
PF[13]
PA[12]
NC
OSC32K
_EXTAL
PF[2]
PF[6]
PD[1]
PD[5]
PD[6]
PD[8]
PB[4]
T
1
2
3
4
5
6
7
8
9
10
111213141516
Note: 208 MAPBGA available only as development package for Nexus 2+.
NC
= Not connected
Figure 6. 208 MAPBGA configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com