công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602BFCLL4R bảng dữ liệu(PDF) 103 Page - NXP Semiconductors

tên linh kiện MPC5602BFCLL4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602BFCLL4R bảng dữ liệu(HTML) 103 Page - NXP Semiconductors

Back Button MPC5602BFCLL4R Datasheet HTML 99Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 100Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 101Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 102Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 103Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 104Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 105Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 106Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 109 page
background image
Document revision history
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
103
6
15-Mar-2010 In the “Introduction” section, relocated a note.
In the “MPC5604B/C device comparison” table, added footnote regarding SCI and CAN.
In the “Absolute maximum ratings” table, removed the min value of VIN relative to VDD.
In the “Recommended operating conditions (3.3 V)” table:
•TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ M-Grade Part:
added new rows.
•TVDD: made single row.
In the “LQFP thermal characteristics” table, added more rows.
Removed “208 MAPBGA thermal characteristics” table.
In the “I/O consumption” table:
• Removed IDYNSEG row.
• Added “I/O weight” table.
In the “Voltage regulator electrical characteristics” table:
• Updated the values.
• Removed IVREGREF and IVREDLVD12.
• Added a note about IDD_BC.
In the “Low voltage monitor electrical characteristics” table:
• Updated VPORH values.
• Updated VLVDLVCORL value.
Entirely updated the “Low voltage power domain electrical characteristics” table.
In the “Program and erase specifications” table, inserted Teslat row.
Entirely updated the “Flash power supply DC electrical characteristics” table.
Entirely updated the “Start-up time/Switch-off time” table.
In the “Crystal oscillator and resonator connection scheme” figure, relocated a note.
In the “Slow external crystal oscillator (32 kHz) electrical characteristics” table:
• Removed gmSXOSC row.
• Inserted values of ISXOSCBIAS.
Entirely updated the “Fast internal RC oscillator (16 MHz) electrical characteristics” table.
In the “ADC conversion characteristics” table: updated the description of the conditions of
tADC_PU and tADC_S.
Entirely updated the “DSPI characteristics” table.
In the “Orderable part number summary” table, modified some orderable part number.
Updated the “Commercial product code structure” figure.
Removed the note about the condition from “Flash read access timing” table
Removed the notes that assert the values need to be confirmed before validation
Exchanged the order of “LQFP 100-pin configuration” and “LQFP 144-pin configuration”
Exchanged the order of “LQFP 100-pin package mechanical drawing” and “LQFP 144-pin
package mechanical drawing”
Table 49. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com