công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602BFCLL4R bảng dữ liệu(PDF) 101 Page - NXP Semiconductors

tên linh kiện MPC5602BFCLL4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602BFCLL4R bảng dữ liệu(HTML) 101 Page - NXP Semiconductors

Back Button MPC5602BFCLL4R Datasheet HTML 97Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 98Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 99Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 100Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 101Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 102Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 103Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 104Page - NXP Semiconductors MPC5602BFCLL4R Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
Document revision history
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
101
2 (cont.)
06-Mar-2009 Updated Table 15, Table 16, Table 17, Table 18 and Table 19
Added 2.15.4, Output pin transition times
Updated Table 22
Updated Figure 8
Updated Table 24
2.17.1, Voltage regulator electrical characteristics: Amended description of LV_PLL
Figure 10: Exchanged position of symbols CDEC1 and CDEC2
Updated Table 25
Added Figure 13
Updated Table 26 and Table 27
Updated 2.19, Flash memory electrical characteristics
Added 2.20, Electromagnetic compatibility (EMC) characteristics
Updated 2.21, Fast external crystal oscillator (4 to 16 MHz) electrical characteristics
Updated 2.22, Slow external crystal oscillator (32 kHz) electrical characteristics
Updated Table 40, Table 41 and Table 42
Added 2.27, On-chip peripherals
Added Table 43
Updated Table 44
Updated Table 47
Added Appendix A, Abbreviations
4
06-Aug-2009 Updated Figure 6
Table 11
•VDD_ADC: changed min value for “relative to VDD” condition
•VIN: changed min value for “relative to VDD” condition
•ICORELV: added new row
Table 13
•TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ M-Grade Part:
added new rows
• Changed capacitance value in footnote
Table 20
• MEDIUM configuration: added condition for PAD3V5V = 0
Updated Figure 10
Table 25
•CDEC1: changed min value
•IMREG: changed max value
•IDD_BV: added max value footnote
Table 26
•VLVDHV3H: changed max value
•VLVDHV3L: added max value
•VLVDHV5H: changed max value
•VLVDHV5L: added max value
Updated Table 27
Table 29
• Retention: deleted min value footnote for “Blocks with 100,000 P/E cycles“
Table 37
•IFXOSC: added typ value
Table 39
•VSXOSC: changed typ value
•TSXOSCSU: added max value footnote
Table 40
•
ΔtLTJIT: added max value
Updated Figure 38
Table 49. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com