công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5603BAVLH4R bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện MPC5603BAVLH4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603BAVLH4R bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  MPC5603BAVLH4R Datasheet HTML 1Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 2Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 3Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 4Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 5Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 6Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 7Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 8Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: MPC5604BC
Rev. 15, 10/2021
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
MPC5604B/C
144 LQFP (20 x 20 x 1.4 mm)
100 LQFP (14 x 14 x 1.4 mm)
208 MAPBGA (17 x 17 x 1.7 mm)
64 LQFP (10 x 10 x 1.4 mm)
Features
• Single issue, 32-bit CPU core complex (e200z0)
– Compliant with the Power Architecture® embedded
category
– Includes an instruction set enhancement allowing
variable length encoding (VLE) for code size footprint
reduction. With the optional encoding of mixed 16-bit
and 32-bit instructions, it is possible to achieve
significant code size footprint reduction.
• Up to 512 KB on-chip code flash supported with the flash
controller and ECC
• 64 (4 × 16) KB on-chip data flash memory with ECC
• Up to 48 KB on-chip SRAM with ECC
• Memory protection unit (MPU) with 8 region descriptors
and 32-byte region granularity
• Interrupt controller (INTC) with 148 interrupt vectors,
including 16 external interrupt sources and 18 external
interrupt/wakeup sources
• Frequency modulated phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, flash memory, or RAM from multiple bus
masters
• Boot assist module (BAM) supports internal flash
programming via a serial link (CAN or SCI)
• Timer supports input/output channels providing a range of
16-bit input capture, output compare, and pulse width
modulation functions (eMIOS-lite)
• 10-bit analog-to-digital converter (ADC)
• 3 serial peripheral interface (DSPI) modules
• Up to 4 serial communication interface (LINFlex)
modules
• Up to 6 enhanced full CAN (FlexCAN) modules with
configurable buffers
• 1 inter IC communication interface (I2C) module
• Up to 123 configurable general purpose pins supporting
input and output operations (package dependent)
• Real Time Counter (RTC) with clock source from128 kHz
or 16 MHz internal RC oscillator supporting autonomous
wakeup with 1 ms resolution with max timeout of 2
seconds
• Up to 6 periodic interrupt timers (PIT) with 32-bit counter
resolution
• 1 System Module Timer (STM)
• Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus standard
• Device/board boundary Scan testing supported with per
Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels
MPC5604B/C
Microcontroller Data Sheet


Số phần tương tự - MPC5603BAVLH4R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
NXP Semiconductors
MPC5603B1CLH4R NXP-MPC5603B1CLH4R Datasheet
1Mb / 109P
MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLH6R NXP-MPC5603B1CLH6R Datasheet
1Mb / 109P
MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLL4R NXP-MPC5603B1CLL4R Datasheet
1Mb / 109P
MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Mô tả tương tự - MPC5603BAVLH4R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
32-bit ARM7TDMI RISC static CMOS CPU core
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
32-bit RXv2 CPU core
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
32-bit RISC CPU
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
Low Power 32-Bit Complex NCO
5/2018-Rev. B to Rev. C
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
S32R372 NXP-S32R372 Datasheet
954Kb / 60P
Dual issue computation cores: Power Architecture e200z7 32-bit CPU
Rev. 4, 08/2018
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com