công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

78K bảng dữ liệu(PDF) 81 Page - NEC

tên linh kiện 78K
Giải thích chi tiết về linh kiện  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

78K bảng dữ liệu(HTML) 81 Page - NEC

Back Button 78K Datasheet HTML 77Page - NEC 78K Datasheet HTML 78Page - NEC 78K Datasheet HTML 79Page - NEC 78K Datasheet HTML 80Page - NEC 78K Datasheet HTML 81Page - NEC 78K Datasheet HTML 82Page - NEC 78K Datasheet HTML 83Page - NEC 78K Datasheet HTML 84Page - NEC 78K Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
81
(2) Address and Indirection operators
Unary Operators
& *
<1> Unary & operator
FUNCTION
The unary & (address) operator returns the pointer of a specified object (i.e., the address of the variable it
precedes).
SYNTAX
&
operand
<2> Unary * operator
FUNCTION
The unary * (indirection) operator returns the value indicated by a specified pointer (i.e., takes the value of the
variable it precedes and uses that value as the address of the information in memory).
SYNTAX
*
operand
NOTE
The operand of the unary & operator must be a left-side value referring to an object not declared with the register
storage class specifier.
Neither a function locator nor a bit field can be used as the operand of this unary
operator.
The operand of the unary * operator must have a pointer type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More