| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM7150ACPZ-1.8-R2 bảng dữ liệu(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM7150ACPZ-1.8-R2 bảng dữ liệu(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() ADM7150 Data Sheet OUTLINE DIMENSIONS 2.44 2.34 2.24 TOP VIEW 8 1 5 4 0.30 0.25 0.20 BOTTOM VIEW PIN 1 INDEX AREA SEATING PLANE 0.80 0.75 0.70 1.70 1.60 1.50 0.203 REF 0.05 MAX 0.02 NOM 0.50 BSC EXPOSED PAD 3.10 3.00 SQ 2.90 PIN 1 INDICATOR (R 0.15) FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. COPLANARITY 0.08 0.50 0.40 0.30 COMPLIANT TO JEDEC STANDARDS MO-229-WEED 0.20 MIN Figure 73. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD] 3 mm × 3 mm Body, Very Very Thin, Dual Lead (CP-8-11) Dimensions shown in millimeters COMPLIANT TO JEDEC STANDARDS MS-012-A A 1.27 0.40 1.75 1.35 2.41 0.356 0.457 4.00 3.90 3.80 6.20 6.00 5.80 5.00 4.90 4.80 0.10 MAX 0.05 NOM 3.81 REF 0.25 0.17 8° 0° 0.50 0.25 45° COPLANARITY 0.10 1.04 REF 8 1 4 5 1.27 BSC SEATING PLANE FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. BOTTOM VIEW TOP VIEW 0.51 0.31 1.65 1.25 3.098 Figure 74. 8-Lead Standard Small Outline Package, with Exposed Pad [SOIC_N_EP] Narrow Body (RD-8-2) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range Output Voltage Package Description Package Option Branding ADM7150ACPZ-1.8-R2 −40°C to +125°C 1.8 8-Lead LFCSP_WD CP-8-11 LP3 ADM7150ACPZ-3.3-R2 −40°C to +125°C 3.3 8-Lead LFCSP_WD CP-8-11 LNA ADM7150ACPZ-4.5-R2 −40°C to +125°C 4.5 8-Lead LFCSP_WD CP-8-11 LNL ADM7150ACPZ-4.8-R2 −40°C to +125°C 4.8 8-Lead LFCSP_WD CP-8-11 LNM ADM7150ACPZ-5.0-R2 −40°C to +125°C 5.0 8-Lead LFCSP_WD CP-8-11 LNB Rev. 0 | Page 22 of 24 |