công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F400AMB90CDCDL bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện TMS28F400AMB90CDCDL
Giải thích chi tiết về linh kiện  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 24Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 25Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 26Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 27Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 28Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 29Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 30Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 31Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
switching characteristics for TMS28F004ASy and TMS28F400ASy over recommended ranges of supply voltage
(commercial and extended temperature ranges)
read operations
ALT
’28F004ASy60
’28F400ASy 60
’28F004ASy 70
’28F400ASy 70
’28F004ASy 80
’28F400ASy 80
PARAMETER
ALT.
SYMBOL
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17
(see Note 15)
tAVQV
110
60
130
70
150
80
ns
ta(E)
Access time from E
tELQV
110
60
130
70
150
80
ns
ta(G)
Access time from G
tGLQV
65
35
80
40
90
40
ns
tc(R)
Cycle time, read
tAVAV
110
60
130
70
150
80
ns
td(E)
Delay time, E low to low-impedance
output
tELQX
0
0
0
0
0
0
ns
td(G)
Delay time, G low to low-impedance
output
tGLQX
0
0
0
0
0
0
ns
tdis(E)
Disable time, E to high-impedance
output
tEHQZ
55
25
70
30
80
30
ns
tdis(G)
Disable time, G to high-impedance
output
tGHQZ
45
25
55
30
60
30
ns
th(D)
Hold time, DQ valid from A0 – A17, E, or
G, whichever occurs first
(see Note 15)
tAXQX
0
0
0
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
5
5
5
ns
td(RP)
Output delay time from RP high
tPHQV
800
450
800
450
800
450
ns
tdis(BL)
Disable time, BYTE low to DQ8 – DQ15
in high-impedance state
tFLQZ
45
25
55
30
60
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
110
60
130
70
150
80
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com