| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS28F400AMT80CDCDL bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS28F400AMT80CDCDL bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 80 page ![]() TMS28F004Axy, TMS28F400Axy 524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS829A – JANUARY 1996 – REVISED AUGUST 1997 20 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 BUS OPERATION COMMAND COMMENTS Write Erase suspend Data = B0h Read Status-register data. Toggle G or E to update status register. Standby Check SB7 1 = Ready Standby Check SB6 1 = Suspended Write Read memory Data = FFh Read Read data from block other than that being erased. Write Erase resume Data = D0h NOTE A: See block-erase flowchart for complete erasure procedure. Figure 6. Erase-Suspend / Resume Flow Chart Start Issue Erase-Suspend Command Read Status-Register Bits SB7 = 1 ? No Issue Memory-Read Command Erase Completed Yes Erase Continued SB6 = 1 ? No Yes Finished Reading ? No Yes Issue Erase-Resume Command See Note A |