| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS28F400AMB60CDCDL bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS28F400AMB60CDCDL bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 80 page ![]() TMS28F004Axy, TMS28F400Axy 524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS829A – JANUARY 1996 – REVISED AUGUST 1997 36 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 electrical characteristics for TMS28F004AEy and TMS28F400AEy over recommended ranges of supply voltage and operating free-air temperature using test conditions given in Table 9 (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN MAX UNIT 5-V VPP range, 3-V VCC range 30 ICC3 VCC supply current (active word-write) VCC = VCC MAX, 5-V VPP range, 3-V VCC range 50 mA ICC3 CC y( ) (see Notes 11 and 12) CC CC , Programming in progress 12-V VPP range, 3-V VCC range 25 mA 12-V VPP range, 5-V VCC range 45 5-V VPP range, 3-V VCC range 30 ICC4 VCC supply current (block-erase) VCC = VCC MAX, 5-V VPP range, 5-V VCC range 35 mA ICC4 CC y( ) (see Notes 11 and 12) CC CC , Block-erase in progress 12-V VPP range, 3-V VCC range 25 mA 12-V VPP range, 5-V VCC range 30 V supply current (erase suspend) V V MAX E V 3-V VCC range ICC5 VCC supply current (erase-suspend) (see Notes 11 and 12) VCC = VCC MAX, E = VIH, Block-erase suspended 3.3-V VCC range 8 mA (see Notes 11 and 12) Block-erase sus ended 5-V VCC range 10 NOTES: 11. Characterization data available 12. All ac current values are RMS unless otherwise noted. |