| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8271ARMZ bảng dữ liệu(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8271ARMZ bảng dữ liệu(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() AD8271 Rev. 0 | Page 19 of 20 DRIVING CABLING DRIVING AN ADC Because the AD8271 can drive large voltages at high output currents and slew rates, it makes an excellent cable driver. It is good practice to put a small value resistor between the AD8271 output and cable, since capacitance in the cable can cause peaking or instability in the output response. A resistance of 20 Ω or higher is recommended. The AD271 high slew rate and drive capability, combined with its dc accuracy, make it a good ADC driver. The AD8271 can drive single-ended input ADCs. Many converters require the output to be buffered with a small value resistor combined with a high quality ceramic capacitor. See the relevant converter data sheet for more details. AD8271 (SINGLE OUT) Figure 55. Driving Cabling |