| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545BTTAY bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545BTTAY bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 68 page ![]() NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 HOST MICRO- CONTROLLER R= tr 2Cb SDA SCL 40 to 44 segment drives 4 to 8 backplanes LCD PANEL (up to 320 elements) PCF8545A A0 VDD VSS VSS aaa-008326 VDD VLCD VLCD Figure 11. Typical system configuration for the I2C-bus HOST MICRO- CONTROLLER SDI SCL 40 to 44 segment drives 4 to 8 backplanes LCD PANEL (up to 320 elements) PCF8545B VDD VSS VSS aaa-008327 VDD CE VLCD VLCD Figure 12. Typical system configuration for the SPI-bus The host microcontroller maintains the two line I2C-bus or a three line SPI-bus communication channel with the PCF8545. The appropriate biasing voltages for the multiplexed LCD waveforms are generated internally. The only other connections required to complete the system are the power supplies (VDD, VSS, VLCD) and the LCD panel selected for the application. The minimum recommended values for external capacitors on VDD and VLCD are 100 nF respectively. Decoupling of VLCD helps to reduce display artifacts. The decoupling capacitors should be placed close to the IC with short connections to the respective supply pin and VSS. 7.4 LCD voltage selector The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the selected LCD drive configuration. The operation of the voltage selector is controlled by the set-bias-mode command (see Table 15) and the set-MUX-mode command (see Table 14). Fractional LCD biasing voltages are obtained from an internal voltage divider. The biasing configurations that apply to the preferred modes of operation, together with the biasing characteristics as functions of VLCD and the resulting discrimination ratios (D), are given in Table 22. Discrimination is a term which is defined as the ratio of the on and off RMS voltage across a segment. It can be thought of as a measurement of contrast. PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 2 — 4 October 2021 21 / 68 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |