| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545ATTAY bảng dữ liệu(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATTAY bảng dữ liệu(HTML) 59 Page - NXP Semiconductors |
|
59 / 68 page ![]() NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 Number of elements at MUX Type name 1:1 1:2 1:3 1:4 1:6 1:8 1:9 VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (°C) Interface Package AEC- Q100 PCA8561AHN[1] 18 36 54 72 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 I2C HVQFN32 Y PCA8561BHN[1] 18 36 54 72 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 SPI HVQFN32 Y PCF8566TS 24 48 72 96 - - - 2.5 to 6 2.5 to 6 69 N N -40 to 85 I2C VSO40 N PCF85162T 32 64 96 128 - - - 1.8 to 5.5 2.5 to 6.5 82 N N -40 to 85 I2C TSSOP48 N PCA85162T 32 64 96 128 - - - 1.8 to 5.5 2.5 to 8 110 N N -40 to 95 I2C TSSOP48 Y PCA85262ATT 32 64 96 128 - - - 1.8 to 5.5 2.5 to 8 200 N N -40 to 105 I2C TSSOP48 Y PCF8551ATT[1] 36 72 108 144 - - - 1.8 to 5.5 1.8 to 5.5 32 to 128[2] N N -40 to 85 I2C TSSOP48 N PCF8551BTT[1] 36 72 108 144 - - - 1.8 to 5.5 1.8 to 5.5 32 to 128[2] N N -40 to 85 SPI TSSOP48 N PCA8551ATT[1] 36 72 108 144 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 I2C TSSOP48 Y PCA8551BTT[1] 36 72 108 144 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 SPI TSSOP48 Y PCF85176T 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 82 N N -40 to 85 I2C TSSOP56 N PCA85176T 40 80 120 160 - - - 1.8 to 5.5 2.5 to 8 110 N N -40 to 95 I2C TSSOP56 Y PCA85276ATT 40 80 120 160 - - - 1.8 to 5.5 2.5 to 8 200 N N -40 to 105 I2C TSSOP56 Y PCF85176H 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 82 N N -40 to 85 I2C TQFP64 N PCA85176H 40 80 120 160 - - - 1.8 to 5.5 2.5 to 8 82 N N -40 to 95 I2C TQFP64 Y PCF8553ATT[1] 40 80 120 160 - - - 1.8 to 5.5 1.8 to 5.5 32 to 128[2] N N -40 to 85 I2C TSSOP56 N PCF8553BTT[1] 40 80 120 160 - - - 1.8 to 5.5 1.8 to 5.5 32 to 128[2] N N -40 to 85 SPI TSSOP56 N PCA8553ATT[1] 40 80 120 160 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 I2C TSSOP56 Y PCA8553BTT[1] 40 80 120 160 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 SPI TSSOP56 Y PCA8546ATT[1] - - - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[2] N N -40 to 95 I2C TSSOP56 Y PCA8546BTT[1] - - - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[2] N N -40 to 95 SPI TSSOP56 Y PCA8547AHT[1] 44 88 - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 95 I2C TQFP64 Y PCA8547BHT[1] 44 88 - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 95 SPI TQFP64 Y PCF85134HL 60 120 180 240 - - - 1.8 to 5.5 2.5 to 6.5 82 N N -40 to 85 I2C LQFP80 N Table 39. Selection of LCD segment drivers PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 2 — 4 October 2021 59 / 68 |