| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TM241C24U bảng dữ liệu(PDF) 4 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
TM241C24U bảng dữ liệu(HTML) 4 Page - Schneider Electric |
|
4 / 12 page ![]() Relative humidity 10…95 %, without condensation (in operation) 10…95 %, without condensation (in storage) IP degree of protection IP20 with protective cover in place Pollution degree 2 Operating altitude 0...2000 m Storage altitude 0…3000 m Vibration resistance 3.5 mm at 5…8.4 Hz on symmetrical rail 3 gn at 8.4…150 Hz on symmetrical rail 3.5 mm at 5…8.4 Hz on panel mounting 3 gn at 8.4…150 Hz on panel mounting Shock resistance 15 gn for 11 ms Packing Units Unit Type of Package 1 PCE Number of Units in Package 1 1 Package 1 Weight 799.0 g Package 1 Height 12.8 cm Package 1 width 11.45 cm Package 1 Length 18.6 cm Unit Type of Package 2 S03 Number of Units in Package 2 8 Package 2 Weight 5.655 kg Package 2 Height 30 cm Package 2 width 30 cm Package 2 Length 40 cm Offer Sustainability Sustainable offer status Green Premium product REACh Regulation REACh Declaration EU RoHS Directive Pro-active compliance (Product out of EU RoHS legal scope) EU RoHS Declaration Mercury free Yes RoHS exemption information Yes China RoHS Regulation China RoHS declaration Environmental Disclosure Product Environmental Profile Circularity Profile End of Life Information WEEE The product must be disposed on European Union markets following specific waste collection and never end up in rubbish bins PVC free Yes California proposition 65 WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is known to the State of California to cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov 4 Apr 4, 2022 |