công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX1626C/D bảng dữ liệu(PDF) 8 Page - Maxim Integrated Products

tên linh kiện MAX1626C/D
Giải thích chi tiết về linh kiện  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626C/D bảng dữ liệu(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1626C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MAX1626/MAX1627
5V/3.3V or Adjustable,
100% Duty-Cycle, High-Efficiency,
Step-Down DC-DC Controllers
Maxim Integrated | 8
www.maximintegrated.com
EXT Drive Voltage Range
EXT swings from V+ to GND and provides the gate
drive for an external P-channel power MOSFET. A high-
er supply voltage increases the gate drive to the
MOSFET and reduces on-resistance (RDS(ON)). See
External Switching Transistor section.
Quiescent Current
The device’s typical quiescent current is 70µA.
However, actual applications draw additional current to
supply MOSFET switching currents, OUT pin current, or
external feedback resistors (if used), and both the diode
and capacitor leakage currents. For example, in the cir-
cuit of Figure 1, with V+ at 7V and VOUT at 5V, typical
no-load supply current for the entire circuit is 84µA.
When designing a circuit for high-temperature opera-
tion, select a Schottky diode with low reverse leakage.
Shutdown Mode
When SHDN is high, the device enters shutdown mode.
In this mode, the feedback and control circuit, reference,
and internal biasing circuitry are turned off. EXT goes
high, turning off the external MOSFET. The shutdown
supply current drops to less than 1µA. SHDN is a logic-
level input. Connect SHDN to GND for normal operation.
Reference
The 1.3V reference is suitable for driving external loads,
such as an analog-to-digital converter. It has a guaran-
teed 10mV maximum load regulation while sourcing load
currents up to 100µA. The reference is turned off during
shutdown. Bypass the reference with 0.1µF for normal
operation. Place the bypass capacitor within 0.2 inches
(5mm) of REF, with a direct trace to GND (Figure 7).
Soft-Start
Soft-start reduces stress and transient voltage slumps
on the power source. When the output voltage is near
ground, the minimum off-time is lengthened to limit peak
switching current. This compensates for reduced nega-
tive inductor current slope due to low output voltages.
Design Information
Setting the Output Voltage
The MAX1626’s output voltage can be selected to 3.3V
or 5V under logic control by using the
3/5 pin. The 3/5
pin requires less than 0.5V to ensure a 3.3V output, or
more than (V+ - 0.5)V to guarantee a 5V output. The
voltage sense pin (OUT) must be connected to the out-
put for the MAX1626.
The MAX1627’s output voltage is set using two resis-
tors, R2 and R3 (Figure 5), which form a voltage divider
between the output and GND. R2 is given by:
where VREF = 1.3V. Since the input bias current at FB
has a maximum value of 50nA, large values (10kΩ to
200kΩ) can be used for R3 with no significant accuracy
R2 = R3 x
V
V
OUT
REF
−
⎛
⎝⎜
⎞
⎠⎟
1
10
μs/div
CIRCUIT OF FIGURE 1, V+ = 8V, VOUT = 5V, LOAD = 100mA
A: MOSFET DRAIN, 5V/div
B: OUT, 50mV/div, 5V DC OFFSET
C: INDUCTOR CURRENT, 1A/div
B
0A
C
A
Figure 3. Discontinuous-Conduction Mode, Light-Load-Current
Waveform
10
μs/div
CIRCUIT OF FIGURE 1, V+ = 8V, VOUT = 5V, LOAD = 1.5A
A: MOSFET DRAIN, 5V/div
B: OUT, 50mV/div, 5V DC OFFSET
C: INDUCTOR CURRENT, 1A/div
B
0A
C
A
Figure 4. Continuous-Conduction Mode, Heavy-Load-Current
Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com