| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1194 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
1194 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 50 page ![]() CC2550 Preliminary Data Sheet (rev. 1.1) SWRS039 Page 21 of 51 The fraction of a symbol period used to change the phase can be modified with the DEVIATN.DEVIATION_M setting. This is equivalent to changing the shaping of the symbol. Setting DEVIATN.DEVIATION_M=7 will generate a standard shaped MSK signal. The MSK modulation format implemented in CC2550 inverts the sync word and data compared to e.g. signal generators. 21.3 Amplitude Modulation The supported amplitude modulation On-Off Keying (OOK) simply turns on or off the PA to modulate 1 and 0 respectively. |