công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SIR464DP bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SIR464DP
Giải thích chi tiết về linh kiện  N-Channel 30-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR464DP bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SIR464DP Datasheet HTML 1Page - Vishay Siliconix SIR464DP Datasheet HTML 2Page - Vishay Siliconix SIR464DP Datasheet HTML 3Page - Vishay Siliconix SIR464DP Datasheet HTML 4Page - Vishay Siliconix SIR464DP Datasheet HTML 5Page - Vishay Siliconix SIR464DP Datasheet HTML 6Page - Vishay Siliconix SIR464DP Datasheet HTML 7Page - Vishay Siliconix SIR464DP Datasheet HTML 8Page - Vishay Siliconix SIR464DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68871
S-82017-Rev. A, 01-Sep-08
Vishay Siliconix
SiR464DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
27
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.2
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 15 A
0.0026
0.0031
Ω
VGS = 4.5 V, ID = 10 A
0.0031
0.0038
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
75
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
3545
pF
Output Capacitance
Coss
650
Reverse Transfer Capacitance
Crss
240
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
62
95
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
26.5
40
Gate-Source Charge
Qgs
8.5
Gate-Drain Charge
Qgd
7.3
Gate Resistance
Rg
f = 1 MHz
0.2
1.1
2.2
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
35
60
ns
Rise Time
tr
16
30
Turn-Off Delay Time
td(off)
48
85
Fall Time
tf
16
30
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
18
35
Rise Time
tr
816
Turn-Off Delay Time
td(off)
41
70
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
50
A
Pulse Diode Forward Currenta
ISM
70
Body Diode Voltage
VSD
IS = 3 A
0.72
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
33
65
ns
Body Diode Reverse Recovery Charge
Qrr
27
54
nC
Reverse Recovery Fall Time
ta
17
ns
Reverse Recovery Rise Time
tb
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com