công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPC-2000 bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện TPC-2000
Giải thích chi tiết về linh kiện  Modular Industrial Thin-Client Panel Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-2000 bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  TPC-2000 Datasheet HTML 1Page - Advantech Co., Ltd. TPC-2000 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Modular Panel PCs
Features
TPC-2000 Series
System Specifications
General
ƒ
BIOS
AMI UEFI
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL, EAC
ƒ
Cooling System
Fanless design
ƒ
Enclosure
Front bezel: Die cast aluminum alloy
Back housing: SECC
ƒ
Mount Options
Panel mount kit; VESA mount kit (optional)
ƒ
OS Support
Windows 10 IoT Enterprise LTSB Entry
ƒ
Power Input
24 VDC ± 20%
ƒ
Power Consumption
Typ. 24W; Max. 55W
ƒ
Watchdog Timer
1 ~ 255 sec (system)
System Hardware
ƒ
CPU
Intel Atom E3940, 1.60 GHz/Celeron J3455, 1.50GHz
ƒ
Memory
4 GB of DDR3L 1600 MHz SODIMM SDRAM
(up to 8 GB)
ƒ Intel Atom E3940 quad-core, 1.60 GHz/Celeron J3455 quad-core, 1.50 GHz,
processor with 4GB DDR3L SODIMM
ƒ Modular design enables flexible configuration and easy maintenance and
upgrades
ƒ Front panel module with P-CAP multi-touch sensor available in various sizes
(the 12.1” module is equipped with 5-wire resistive touch control)
ƒ Industrial-grade LED LCD with a lifetime of 50,000 hours (18.5" 30,000
hours)
ƒ Built-in intelligent home key and i-key (only for models with P-CAP touch
control)
ƒ System status LED indicators in front panel
ƒ Supports 1 x full-size mini PCIe, 1 x iDoor module, and 1 x HDD bay
ƒ IP66-rated front panel and panel mount
ƒ Optional Wi-Fi antenna and NFC reader on front panel
ƒ Integrated power isolation to minimize field interference
ƒ Supports Advantech’s WISE-PaaS/RMM remote device management software
ƒ Up to 3 levels of logo customization (optional)
Modular Industrial Thin-Client Panel
Computer with 12" XGA / 15" XGA /
17" SXGA / 15.6" FHD / 18.5" HD /
21.5" FHD / 23.8" FHD and Intel Atom
E3940/Celeron J3455 Processor
Introduction
The TPC-2000 series is the first modular range of Advantech’s industrial thin-client offerings. TPC-2000 series comprise a computing box module and a display module, featuring a
low-power Intel® Atom® E3940/Celeron® J3455 with 4GB of DDR3L SODIMM and an industrial-grade LCD with 6H surface hardness and P-CAP or 5-wire resistive touch control,
TPC-2000 series systems offer a sufficient display area and excellent computing performance in a compact, fanless form factor. The modular design ensures flexible configuration
according to usage requirements and easy maintenance/upgrades. The system’s robust enclosure is equipped with a die-cast aluminum alloy front bezel and IP66 rating for protection
from dust and water ingress, making the TPC-2000 series suitable for harsh environments. TPC-2000 systems also feature a mini-PCIe slot that can be used to integrate Advantech’s
iDoor technology to support additional I/O, isolated digital I/O, fieldbus protocols, 3G/GPS/GPRS communication, and MRAM in order to satisfy the requirements of various industrial
automation applications. Moreover, optional Wi-Fi/NFC can be built into the front panel for enhanced connectivity and signal reception.
Display Panel Modules
Part Number
FPM-D12T-BE
FPM-D15T-BE
FPM-D17T-BE
FPM-D15W-FBE
FPM-D18W-BE
FPM-D21W-BE
FPM-D24W-BE
LCD Panel
Display Size
12"
15"
17"
15.6"
18.5"
21.5"
23.8"
Display Type
XGA TFT LED LCD XGA TFT LED LCD SXGA TFT LED
LCD
FHD TFT LED LCD HD TFT LED LCD
FHD TFT LED LCD FHD TFT LED LCD
Aspect Ratio
4:3
5:4
16:9
Max.Resolution
1024 x 768
1024 x 768
1280 x 1024
1920 x 1080
1366 x 768
1920 x 1080
1920 x 1080
Max. Color
16.2M
16.7M
16.7M
16.7M
16.7M
16.7M
16.7M
Luminance
600 cd/m²
300 cd/m²
350 cd/m²
450 cd/m²
250 cd/m²
250 cd/m²
350 cd/m²
Viewing Angle (H/V)
178°/178°
176°/176°
160°/140°
170°/170°
170°/160°
178°/178°
178°/178°
Backlight Life
50,000 hr
70,000 hr
50,000 hr
50,000 hr
30,000 hr
50,000 hr
30,000 hr
Contrast Ratio
1000:1
2000:1
800:1
800:1
1000:1
1000:1
1000:1
Touchscreen
Type
5-Wire resistive
PCAP
PCAP
PCAP
PCAP
PCAP
PCAP
Light Transmission
Above 75%
90% ± 3%
90% ± 3%
90% ± 3%
90% ± 3%
90% ± 3%
90% ± 3%
Anti-Glare Treatment
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Built-In iKey
N/A
Yes
Yes
Yes
Yes
Yes
Yes
Expandibility
WiFi/NFC Support on
Front Panel
N/A
Optional (Please contact Advantech for more information.)
ƒ
LAN
2 x Intel® I210 10/100/1000BASE-T
ƒ
Expansion Slots
1 x full-size mini PCIe with support for a GSM 11.11 SIM
card
ƒ
Storage
1 x M.2 (2242)
1 x 2.5" SATA SSD
ƒ
I/O
2 x RS-232/422/485
2 x USB 3.0
2 x USB 2.0
1 x Audio line out
1 x DisplayPort 1.2 out
Environment
ƒ
Humidity
10 ~ 95% RH @ 40 °C, non-condensing
ƒ
Ingress Protection
IP66 rating for the front panel
ƒ
Vibration Protection
With SSD: 1 Grms (5 ~ 500 Hz) (operating, random
vibration)
ƒ
Operating Temperature -0 ~ 50 °C (32 ~ 122 °F)
ƒ
Storage Temperature
-40 ~ 60 °C (-40 ~ 140 °F)
All product specifications are subject to change without notice.
Last updated: 5-Jan-2021


Số phần tương tự - TPC-2000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TPC-200-12S TOPPOWER-TPC-200-12S Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
TPC-200-24S TOPPOWER-TPC-200-24S Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
TPC-200-48S TOPPOWER-TPC-200-48S Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
More results

Mô tả tương tự - TPC-2000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
Axiomtek Co., Ltd.
P1177E-500 AXIOMTEK-P1177E-500 Datasheet
483Kb / 2P
17 SXGA TFT Expandable Industrial Touch Panel Computer
logo
Advantech Co., Ltd.
C-UNO-2173A ADVANTECH-C-UNO-2173A Datasheet
73Kb / 1P
High Performance ACP Thin Client
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
CLIENT MOBILE & MOBILE THIN HDD
logo
DFI Inc
KSM-SD DFI-KSM-SD Datasheet
1Mb / 6P
Modular-Designed Industrial Panel PC
KSM-KH DFI-KSM-KH Datasheet
1Mb / 6P
Modular-Designed Industrial Panel PC
KSM-AL DFI-KSM-AL Datasheet
1Mb / 9P
Modular-Designed Industrial Panel PC
logo
Moxa Inc.
AWK-1137C MOXA-AWK-1137C Datasheet
1Mb / 7P
Industrial 802.11a/b/g/n wireless client
logo
Toshiba Semiconductor
MQ01ACFXXX TOSHIBA-MQ01ACFXXX Datasheet
586Kb / 2P
CLIENT MOBILE THIN HDD
Rev. 00
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com