| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPC bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
OPC bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd. |
|
|
1 / 1 page ![]() Automation Software Features OPC Server for ADAM & Modbus Devices Introduction The Industrial Automation Group of Advantech introduces a standardized interface for industrial device servers, the OPC (OLE for process control) Server. An OPC server provides devices, such as an I/O device, to communicate with a wide range of HMI/SCADA software packages residing on a host. Any software system with OPC client capabilities can access the Advantech OPC server drivers. Key Features of the OPC Servers Supports Microsoft Windows 8/7/XP/2000/NT/98 - Supports Windows 7 / 8 both 32-bit and 64 bit versions Supports Advantech ASCII, MODBUS/RTU, and MODBUS/TCP protocol. Compliant with the latest OPC Data Access 1.0, 2.04 and 3.0 standards. - Compliant with the latest OPC Alarm and Events 1.0 and 1.2 standards. - Built-in OPC tag simulation and value conversion. - Wizards to create OPC Server tags about ADAM series quickly. Compatible with OPC client compliant application software. Provides OPC custom interface. Online configuration capability; add new signals and tags during runtime. Tag Multiplier let you create tags quickly. OPC DA and AE Client for rapid testing of your OPC data connections. OPC Server Supports Microsoft Windows 8/7/XP/2000/NT/98 Supports Advantech ASCII, MODBUS/RTU, and MODBUS/TCP protocol Compliant with the latest OPC Data Access 1.0, 2.04 and 3.0 standards Compliant with the latest OPC Alarm and Events 1.0 and 1.2 standards OPC DA and AE Client for rapid testing of your OPC data connections Ordering Information PCLS-OPC/ADM30 OPC Server for ADAM ASCII protocol PCLS-OPC/MTP30 OPC Server for Modbus/TCP protocol PCLS-OPC/RTU30 OPC Server for Modbus/RTU protocol Specifications Supported Hardware All ADAM-4000 series modules All ADAM-5000 series modules All ADAM-6000 series modules All product specifications are subject to change without notice Last updated : 5-May-2015 |
Số phần tương tự - OPC |
|
Mô tả tương tự - OPC |