công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3205TL bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3205TL
Giải thích chi tiết về linh kiện  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205TL bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  LM3205TL Datasheet HTML 1Page - National Semiconductor (TI) LM3205TL Datasheet HTML 2Page - National Semiconductor (TI) LM3205TL Datasheet HTML 3Page - National Semiconductor (TI) LM3205TL Datasheet HTML 4Page - National Semiconductor (TI) LM3205TL Datasheet HTML 5Page - National Semiconductor (TI) LM3205TL Datasheet HTML 6Page - National Semiconductor (TI) LM3205TL Datasheet HTML 7Page - National Semiconductor (TI) LM3205TL Datasheet HTML 8Page - National Semiconductor (TI) LM3205TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
20158099
8–Bump Thin Micro SMD Package, Large Bump
NS Package Number TLA08GNA
20158004
10–Pin LLP
NS Package Number SDA10A
Order Information
microSMD
Order Number
Package Marking (Note)
Supplied As
LM3205TL
XTS/32
250 units, Tape-and-Reel
LM3205TLX
XTS/32
3000 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “X” designates the date
code. “T” is a NSC internal code for die traceability. “S” designates the device type as switcher device. Both will vary considerably. “32”
identifies the device (part number, option, etc.).
LLP
Order Number
Package Marking (Note)
Supplied As
LM3205SD-2
XXXX
1000 units, Tape-and-Reel
LM3205SDX-2
YYYY = 3205
4500 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “XXXXX” is a code for die
traceability. “YYYYY” identifies the device (part number, voltage option, etc.).
Pin Descriptions
Pin #
Name
Description
microSMD
LLP
A1
8, 9
PV
IN
Power Supply Voltage Input to the internal PFET switch.
B1
7
V
DD
Analog Supply Input.
C1
6
EN
Enable Input. Set this digital input high for normal operation. For shutdown, set low.
C2
4
V
CON
Voltage Control Analog input. V
CON controls VOUT in PWM mode.
C3
5
FB
Feedback Analog Input. Connect to the output at the output filter capacitor.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18