| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF3D4200DA4/01 bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3D4200DA4/01 bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 27 page ![]() NXP Semiconductors MF3D(H)x2 MIFARE DESFire EV2 contactless multi-application IC MF3Dx2_MF3DHx2_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 12 June 2019 COMPANY PUBLIC 364232 14 / 27 result in the following options of secure communication between MIFARE DESFire EV2 and PCD: • Plain data transfer (only possible within the backwards-compatible mode to MF3ICD40 and EV2 secure messaging) • Plain data transfer with cryptographic checksum (MAC): Authentication with backwards-compatible mode to MF3ICD40: 4 byte MAC; All other authentications based on DES/3DES/AES: 8 byte CMAC • Encrypted data transfer (secured by CRC before encryption): Authentication with backwards-compatible mode to MF3ICD40: A 16-bit CRC is calculated over the stream and attached. The resulting stream is encrypted using the chosen cryptographic method. All other authentications-based DES/3DES/AES: A 32-bit CRC is calculated over the stream and attached. The resulting stream is encrypted using the chosen cryptographic method. A cryptographic checksum (CMAC) will also be attached when using EV2 secure messaging. Find more information on the security concept of the product in [1]. Be aware not all levels of security are recommended. For new design, the EV2 secure messaging is recommended. |