| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF4SAM3 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF4SAM3 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 31 page ![]() NXP Semiconductors MF4SAM3 MIFARE SAM AV3 secure access module MF4SAM3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.0 — 2 August 2019 COMPANY PUBLIC 561930 3 / 31 2.3 Programmable logic (restricted feature) 2 • Up to 32 kB of code and data in EEPROM for user customized functionality • 1 kB of RAM for user’s dynamic data • Internal Host access to all MIFARE SAM AV3 commands 2.4 Security evaluation and certification • CC EAL6+ certified hardware platform (based on NXP’s SmartMX2 P6022y VB) • Composite certified with MIFARE Security Evaluation Scheme (Equivalent to EMVCo Security Evaluation) (Evaluation lab: TÜViT, Certification lab: UL) • FIPS140-2 CAVP certified 2.5 New features This section gives an overview of the new features compared to MIFARE SAM AV2. Please see [1] for details. • All new features from MIFARE DESFire EV2 requiring cryptographic operations. This includes EV2 secure messaging and Transaction MAC support (incl CommitReaderID). • All new features from MIFARE Plus EV1 requiring cryptographic operations. This includes EV1 secure messaging, Transaction MAC support (incl CommitReaderID) and Sector Security Level Switching. • New Virtual Card Selection and Proximity Check protocols. • Post-Delivery Configuration support. • MIFARE Ultralight EV1 password authentication. • AES authentication according to ISO/IEC 29167-10 for UCODE and ICODE support. • LRP support for DESFire secure messaging, as supported by DESFire Light and NTAG42x(TT) and for Offline Crypto operations. • ECC originality signature verification as supported by all recent MIFARE products. • Generic CMAC-based key derivation for a.o. Transaction MAC session key generation and (e.g. UCODE) key diversification. • Fine-grained key access control. • EMV terminal support for certificate verification, offline authentication and pin code verification. • Programmable Logic feature to allow customized business logic and a.o. key diversifications to be run within the SAM. • Personalization SAM feature to generate cryptogram to export keys for injection in another SAM for AES variant and for RSA variant. • AES-256 support for Offline Crypto and SAM-Host protection. • RSA OAEP encryption and decryption. • ATR configuration. • I2C slave interface in addition to ISO/IEC 7816 interface (for HVQFN only). 2 Note: The PL code uploading functionality is only available to a limited set of customers. |