| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM22 bảng dữ liệu(PDF) 3 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
MSM22 bảng dữ liệu(HTML) 3 Page - Schurter Inc. |
|
3 / 10 page ![]() 3 Metal Line Switches MSM 22 https://www.schurter.com /PG70 Switches Product standards Product standards that are referenced Organization Design Standard Description Designed according to IEC / EN 61058-1 Switches for appliances. Part 1. General requirements Designed according to UL 61058 UL standard for safety special-use switches Application standards Application standards where the product can be used Organization Design Standard Description Designed for applications acc. IEC/UL 62368-1 Audio/video, information and communication technology equipment - Part 1: Safety requirements Compliances The product complies with following Guide Lines Identification Details Initiator Description RoHS SCHURTER AG Directive RoHS 2011/65/EU, Amendment (EU) 2015/863 REACH SCHURTER AG On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration, Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as "REACH") entered into force. Dimension [mm] MSM 22 ST NC B NO COM 20 0.5 ø 26 2.8 ø 25 M22x1 SW24 C D ø 18 |