công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF1P4101DA6/02 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện MF1P4101DA6/02
Giải thích chi tiết về linh kiện  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 10Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 11Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 12Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
9 / 33
8.3 Proximity check
The Proximity Check is used in conjunction with the Virtual Card Architecture, see
Section 8.2. It can also be used afterwards. It allows the PCD to verify whether the PICC
is within a certain physical proximity.
MF1P(H)x1y1 enables ISO/IEC 7816-4 compliant Proximity Check by supporting
wrapping of the native Proximity Check commands into ISO/IEC 7816-4 compliant
APDUs, as outlined in Section 8.6.3.
The SL3 and SL1 after ISO/IEC 14443-4 activation offers the Proximity Check function
which protect the PICC from relay attacks by measurement of the round trip time of
a challenge-response interaction. If an attacker wants to mount a relay attack, then
he necessarily introduces delays. Depending on how large the delays are, they may
be detected. The accuracy of the time measurement and the residual relay attack
window that remains is dependent on the intrinsic latency of the PICC as well as of the
implementation of the reader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33