công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SQF-MSDS1-128M-21C bảng dữ liệu(PDF) 10 Page - Advantech Co., Ltd.

tên linh kiện SQF-MSDS1-128M-21C
Giải thích chi tiết về linh kiện  Industrial Class 10 Micro SD Card
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-MSDS1-128M-21C bảng dữ liệu(HTML) 10 Page - Advantech Co., Ltd.

Back Button SQF-MSDS1-128M-21C Datasheet HTML 6Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 7Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 8Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 9Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 10Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 11Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 12Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 13Page - Advantech Co., Ltd. SQF-MSDS1-128M-21C Datasheet HTML 14Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SQFlash
Industrial Class 10 Micro SD Card
Specifications subject to change without notice, contact your sales representatives for the most update information.
REV 0.3
Page 10 of 22
May. 4, 2016
5.
Pin Assignment and Block Diagram
pin
SD Mode
SPI Mode
Name
Type
1
Description
Name
Type
Description
1
DAT2
I/O/PP
Data Line[bit2]
RSV
2
CD/DAT3
2
I/O/PP
3
Card Detect/
Data Line[bit3]
CS
I
3
Chip Select (neg
true)
3
CMD
PP
Command/Response
DI
I
Data In
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS
S
Supply voltage ground
VSS
S
Supply voltage
ground
7
DAT0
I/O/PP
Data Line[bit0]
DO
O/PP
Data Out
8
DAT1
I/O/PP
Data Line[bit1]
RSV
(1) S: power supply, I: input; O: output using push-pull drivers; PP:I/O using push-pull driver
(2) The extended DAT lines (DAT1-DAT3)are input on power up. They start to operate as DAT lines after
SET_BUS_WIDTH command. The Host shall keep its own DAT1-DAT3 lines in input mode, as well,
while they are not used. It is defined so, in order to keep compatibility to MultiMedia Cards.
(3) At power up this line has a 50KOhm pull up enabled in the card. This resistor serves two functions Card
detection and Mode Selection. For Mode Selection, the host can drive the line high or let it be pulled
high to select SD mode. If the host wants to select SPI mode it should drive the line low. For Card
detection, the host detects that the line is pulled high. This pull-up should be disconnected by the user
during regular data transfer period, with SET_CLR_CARD_DETECT (ACMD42) command.
Name
Width
Description
CID
128bit
Card identification number; card individual number for identification.
Mandatory
RCA
1
16bit
Relative card address; local system address of a card, dynamically
suggested by the card and approved by the host during initialization.
Mandatory
DSR
16bit
Driver Stage Register; to configure the card’s output drivers. Optional
CSD
128bit
Card Specific Data; information about the card operation conditions.
Mandatory
SCR
64bit
SD Configuration Register; information about the SD Memory Card's Special
Features capabilities Mandatory
OCR
32bit
Operation conditions register. Mandatory.
SSR
512bit
SD Status; information about the card proprietary features
Mandatory
OCR
32bit
Card Status; information about the card status
Mandatory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com