công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32G031Y8 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện STM32G031Y8
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031Y8 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button STM32G031Y8 Datasheet HTML 32Page - STMicroelectronics STM32G031Y8 Datasheet HTML 33Page - STMicroelectronics STM32G031Y8 Datasheet HTML 34Page - STMicroelectronics STM32G031Y8 Datasheet HTML 35Page - STMicroelectronics STM32G031Y8 Datasheet HTML 36Page - STMicroelectronics STM32G031Y8 Datasheet HTML 37Page - STMicroelectronics STM32G031Y8 Datasheet HTML 38Page - STMicroelectronics STM32G031Y8 Datasheet HTML 39Page - STMicroelectronics STM32G031Y8 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
Pinouts, pin description and alternate functions
STM32G041x6/x8
36/121
DS12993 Rev 3
Figure 10. STM32G041Jx SO8N pinout
MSv47956V1
1
2
3
4
8
7
6
5
PB7/PB8/PB9/PC14-OSC32_IN
PA0/PA1/PA2/PF2-NRST
PB5/PB6/PA14-BOOT0/PA15
PA12[PA10]
PA13
VDD/VDDA
VSS/VSSA
PA8/PA11[PA9]/PB0/PB1
Top view
Table 11. Terms and symbols used in Table 12
Column
Symbol
Definition
Pin name
Terminal name corresponds to its by-default function at reset, unless otherwise specified in
parenthesis under the pin name.
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Options for FT I/Os
_f
I/O, Fm+ capable
_a
I/O, with analog switch function
_e
I/O, with switchable diode to VDD
Note
Upon reset, all I/Os are set as analog inputs, unless otherwise specified.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More