công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25R3918 bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện ST25R3918
Giải thích chi tiết về linh kiện  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button ST25R3918_V01 Datasheet HTML 9Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 10Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 11Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 12Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 13Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 14Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 15Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 16Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
DS13490 Rev 2
13/141
ST25R3918
Description
140
2.1
System diagram
Figure 1 and Figure 2 show the minimum system configuration for, respectively, single
ended and differential antenna configurations. Both include the EMC filter.
Figure 1. Minimum system configuration - Single sided antenna driving
MS54046V2
Antenna coil
MCU
+2.4 to +5.5 V
+1.65 to +5.5 V
VDD
VDD_TX
BSS
MISO
MOSI
SCLK
IRQ
MCU_CLK
RF01
RF02
RFI1
RFI2
ST25R3918
AGD
VSS
VDD_A
VDD_AM
GND_A
VDD_IO
XTI
XTO
VDD_D
GND_D
GND_DR GND_DR
I2C_EN
EXT_LM
VDD_RF
VDD_DR
Connect to GND
(SPI) or VDD_D (I2C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More