| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74HCS08 bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74HCS08 bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 31 page ![]() NOTES: (continued) 6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. EXAMPLE STENCIL DESIGN 4224636/A 11/2018 www.ti.com WQFN - 0.8 mm max height BQA0014A PLASTIC QUAD FLAT PACK-NO LEAD SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL EXPOSED PAD 88% PRINTED COVERAGE BY AREA SCALE: 20X SYMM SYMM (0.95) (1.38) 8X (0.5) (2) 2X (0.5) 14X (0.25) 14X (0.6) (2.3) (2.8) (R0.05) TYP 1 2 6 7 8 9 13 14 |