| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC58NH84E7 bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH84E7 bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 147 page ![]() DS12304 Rev 5 79/147 SPC58EHx, SPC58NHx Electrical characteristics 109 4.16 AC Specifications All AC timing specifications are valid up to 150 °C, except where explicitly noted. 4.16.1 Debug and calibration interface timing 4.16.1.1 JTAG interface timing Table 40. JTAG pin AC electrical characteristics # Symbol C Characteristic Value(1),(2) Unit Min Max 1tJCYC CC D TCK cycle time 100 — ns 2tJDC CC T TCK clock pulse width 40 60 % 3tTCKRISE CC D TCK rise and fall times (40%–70%) — 3 ns 4tTMSS, tTDIS CC D TMS, TDI data setup time 5 — ns 5tTMSH, tTDIH CC D TMS, TDI data hold time 5 — ns 6tTDOV CC D TCK low to TDO data valid — 15(3) ns 7tTDOI CC D TCK low to TDO data invalid 0 — ns 8tTDOHZ CC D TCK low to TDO high impedance — 15 ns 9tJCMPPW CC D JCOMP assertion time 100 — ns 10 tJCMPS CC D JCOMP setup time to TCK low 40 — ns 11 tBSDV CC D TCK falling edge to output valid — 600(4) ns 12 tBSDVZ CC D TCK falling edge to output valid out of high impedance — 600 ns 13 tBSDHZ CC D TCK falling edge to output high impedance — 600 ns 14 tBSDST CC D Boundary scan input valid to TCK rising edge 15 — ns 15 tBSDHT CC D TCK rising edge to boundary scan input invalid 15 — ns 1. These specifications apply to JTAG boundary scan only. See Table 41 for functional specifications. 2. JTAG timing specified at VDD_HV_IO_MAIN = 4.0 to 5.5 V and max. loading per pad type as specified in the I/O section of the datasheet. 3. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay. 4. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay. |