| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV64KC bảng dữ liệu(PDF) 169 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC bảng dữ liệu(HTML) 169 Page - STMicroelectronics |
|
169 / 203 page ![]() B.2.4 I2C byte write and polling in system memory Table 275. Byte Write in System memory if I2C security session is open and register is not RO Request/Response Frame Comment Master drives SDA Slave drives SDA Start AEh - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA - Send Data - ACK 9th bit Stop - Start of Programming Table 276. Polling during programing after byte write in System memory if I2C security session is open and register is not RO Request/Response Frame Comment Master drives SDA Slave drives SDA Start AEh - Device select for writing - NoACK 9th bit Device Busy Start AEh - Device select for writing - NoACK 9th bit Device Busy Start AEh - Device select for writing - ... 9th bit Start AEh - Device select for writing - ACK 9th bit Device ready Programing completed Stop - end of Polling ST25DV04KC ST25DV16KC ST25DV64KC I²C Byte writing and polling DS13519 - Rev 3 page 169/203 |