| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV64KC bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 203 page ![]() Figure 4. ST25DVxxKC 8-pin UFDFN8 package connections V_EH AC0 AC1 VSS VCC GPO (Open drain) SCL SDA 1 2 3 4 8 7 6 5 UFDFN8 EP Table 2. 10-pin packages signal names Signal name Function Direction V_EH Energy harvesting Power output GPO Interrupt output Output SDA Serial data I/O SCL Serial clock Input AC0, AC1 Antenna coils - VCC Supply voltage Power VSS Ground - LPD Low power down mode Input VDCG Supply voltage for GPO driver Power Figure 5. 10-ball WLCSP package connections VCC VDCG SDA SCL VSS AC1 LPD AC0 V_EH GPO 4 3 2 1 A B C D E Marking side (top view) VCC VDCG SDA SCL VSS AC1 LPD AC0 V_EH GPO 1 2 3 4 A B C D E Bump side (bottom view) ST25DV04KC ST25DV16KC ST25DV64KC ST25DVxxKC packaging DS13519 - Rev 3 page 5/203 |