công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC58NH84E5 bảng dữ liệu(PDF) 69 Page - STMicroelectronics

tên linh kiện SPC58NH84E5
Giải thích chi tiết về linh kiện  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84E5 bảng dữ liệu(HTML) 69 Page - STMicroelectronics

Back Button SPC58NH84E5 Datasheet HTML 65Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 66Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 67Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 68Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 69Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 70Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 71Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 72Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 147 page
background image
DS12304 Rev 5
69/147
SPC58EHx, SPC58NHx
Electrical characteristics
74
CFLA
SR D
Decoupling capacitance for Flash
supply(6)
——
10
—
nF
CADC
SR D
ADC supply external
capacitance(2)
VDD_HV_ADV/VSS_HV_ADV
pair.
—2.2
—
µF
Internal Linear Regulator with External Ballast Mode
QEXT
SR D
Recommended external NPN
transistors
NJD2873T4, BCP68
VQ
SR D
External NPN transistor collector
voltage
—2.0
—
VDD_
HV_IO
_MAIN
V
CB
SR D
Internal voltage regulator stability
external capacitance on ballast
base(4) (7)
——
2.2
—
µF
RB
SR D
Stability capacitor equivalent
serial resistance
Total resistance including
board track
——
50
m
Ω
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TJ = –40 / 150 °C, unless otherwise specified.
2. Recommended X7R or X5R ceramic –50% / +35% variation across process, temperature, voltage and after aging.
3. CE capacitance is required both in internal and external regulator mode.
4. For noise filtering, add a high frequency bypass capacitance of 10 nF.
5. For applications it is recommended to implement at least 5 CLV capacitances.
6. Recommended X7R capacitors. For noise filtering, add a high frequency bypass capacitance of 100 nF.
7. CB capacitance is required if only the external ballast is implemented.
Table 31. External components integration (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com