công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC584B64E3 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện SPC584B64E3
Giải thích chi tiết về linh kiện  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584B64E3 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button SPC584B64E3 Datasheet HTML 8Page - STMicroelectronics SPC584B64E3 Datasheet HTML 9Page - STMicroelectronics SPC584B64E3 Datasheet HTML 10Page - STMicroelectronics SPC584B64E3 Datasheet HTML 11Page - STMicroelectronics SPC584B64E3 Datasheet HTML 12Page - STMicroelectronics SPC584B64E3 Datasheet HTML 13Page - STMicroelectronics SPC584B64E3 Datasheet HTML 14Page - STMicroelectronics SPC584B64E3 Datasheet HTML 15Page - STMicroelectronics SPC584B64E3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
Description
SPC584Bx
12/142
DS11701 Rev 4
–
One supervisor 12-bit SAR analog converter
–
One 10-bit SAR analog converter with STDBY mode support
Seven Deserial Serial Peripheral Interface (DSPI) modules
Fourteen LIN and UART communication interface (LINFlexD) modules
–
LINFlexD_0 is a Master/Slave
–
All others are Masters
Eight modular controller area network (MCAN) modules, all supporting flexible data
rate (ISO CAN-FD compliant)
One ethernet controller 10/100 Mbps, compliant IEEE 802.3-2008
–
IEEE 1588-2008 Time stamping (internal 64-bit time stamp)
–
IEEE 802.1AS and IEEE 802.1Qav (AVB-Feature)
–
IEEE 802.1Q VLAN tag detection
–
IPv4 and IPv6 checksum modules
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with some
support for 2010 standard
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1 and
IEEE 1149.7), 2-pin JTAG interface
Standby power domain with smart wake-up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More