| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC582B60E1 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC582B60E1 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 115 page ![]() DS11597 Rev 4 13/115 SPC582Bx Electrical characteristics 13 4 Electrical characteristics 4.1 Introduction The present document contains the target Electrical Specification for the 40 nm family 32-bit MCU SPC582Bx products. In the tables where the device logic provides signals with their respective timing characteristics, the symbol “CC” (Controller Characteristics) is included in the “Symbol” column. In the tables where the external system must provide signals with their respective timing characteristics to the device, the symbol “SR” (System Requirement) is included in the “Symbol” column. The electrical parameters shown in this document are guaranteed by various methods. To give the customer a better understanding, the classifications listed in Table 3 are used and the parameters are tagged accordingly in the tables where appropriate. Table 3. Parameter classifications Classification tag Tag description P Those parameters are guaranteed during production testing on each individual device. C Those parameters are achieved by the design characterization by measuring a statistically relevant sample size across process variations. T Those parameters are achieved by design validation on a small sample size from typical devices. D Those parameters are derived mainly from simulations. |