| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151X6 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 147 page ![]() DS6948 Rev 11 31/147 STM8L151x6/8 STM8L152x6/8 Pin description 63 11 7 7 -(4) PA6/ADC1_TRIG/ LCD_COM2(3)/ADC1_IN0/ [COMP1_INP] I/O FT(6) X XX HS X X Port A6 ADC1 - trigger / LCD_COM2 / ADC1 input 0/ [Comparator 1 positive input] 12 8 8 -(4) PA7/LCD_SEG0(3)/ TIM5_CH1 I/O FT(6) X XX HS X X Port A7 LCD segment 0 / TIM5 channel 1 39 31 24 E3 PB0(5)/TIM2_CH1/ LCD_SEG10(3)/ADC1_IN18 / [COMP1_INP] I/O FT(6) X XX HS X X Port B0 Timer 2 - channel 1 /LCD segment 10/ ADC1_IN18/ [Comparator 1 positive input] 40 32 25 G1 PB1/TIM3_CH1/ LCD_SEG11(3)/ADC1_IN17 / [COMP1_INP] I/O FT(6) X XX HS X X Port B1 Timer 3 - channel 1 / LCD segment 11 / ADC1_IN17/ [Comparator 1 positive input] 41 33 26 F2 PB2/ TIM2_CH2/LCD_SEG12(3)/ ADC1_IN16/[COMP1_INP] I/O FT(6) X XX HS X X Port B2 Timer 2 - channel 2 / LCD segment 12 / ADC1_IN16/ [Comparator 1 positive input] 42 34 27 E2 PB3/TIM2_ETR/ LCD_SEG13(3)/ADC1_IN15 /[COMP1_INP] I/O FT(6) X XX HS X X Port B3 Timer 2 - trigger / LCD segment 13 /ADC1_IN15/ [Comparator 1 positive input] 43 35 - - PB4(5)/SPI1_NSS/ LCD_SEG14(3)/ADC1_IN14 /[COMP1_INP] I/O FT(6) X XX HS X X Port B4 SPI1 master/slave select / LCD segment 14 / ADC1_IN14/ [Comparator 1 positive input] -- 28 D2 PB4(5)/SPI1_NSS/ LCD_SEG14(3)/ADC1_IN14 /DAC_OUT2/ [COMP1_INP] I/O FT(6) X XX HS X X Port B4 SPI1 master/slave select / LCD segment 14 / ADC1_IN14 / DAC channel 2 output/ [Comparator 1 positive input] Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |