| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC4826 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC4826 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 22 page ![]() MIC4826 DS20006134B-page 14 2019 -2022 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Note: If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are used based on the available marking space: 6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN; 2 Characters = NN; 1 Character = N XXXX Example 8-Lead MSOP* (front) XXX 4826 YMM Example 8-Lead MSOP* (back) WNNN 9722 Legend: XX...X Product code or customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |