| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L071KZ bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071KZ bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 148 page ![]() DS10690 Rev 7 59/148 STM32L071xx Electrical characteristics 112 Table 23. Current characteristics Symbol Ratings Max. Unit ΣIVDD(2) Total current into sum of all VDD power lines (source)(1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 105 mA ΣIVSS(2) 2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages. Total current out of sum of all VSS ground lines (sink)(1) 105 ΣIVDDIO2 Total current into VDDIO2 power line (source) 25 IVDD(PIN) Maximum current into each VDD power pin (source)(1) 100 IVSS(PIN) Maximum current out of each VSS ground pin (sink)(1) 100 IIO Output current sunk by any I/O and control pin except FTf pins 16 Output current sunk by FTf pins 22 Output current sourced by any I/O and control pin -16 ΣIIO(PIN) Total output current sunk by sum of all IOs and control pins except PA11 and PA12(2) 90 Total output current sunk by PA11 and PA12 25 Total output current sourced by sum of all IOs and control pins(2) -90 IINJ(PIN) Injected current on FT, FTf, RST and B pins -5/+0(3) 3. Positive current injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must never be exceeded. Refer to Table 22 for maximum allowed input voltage values. Injected current on TC pin ± 5(4) 4. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer to Table 22: Voltage characteristics for the maximum allowed input voltage values. ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(5) 5. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). ± 25 Table 24. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 150 °C |