công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H750VB bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STM32H750VB
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STM32H750VB Datasheet HTML 1Page - STMicroelectronics STM32H750VB Datasheet HTML 2Page - STMicroelectronics STM32H750VB Datasheet HTML 3Page - STMicroelectronics STM32H750VB Datasheet HTML 4Page - STMicroelectronics STM32H750VB Datasheet HTML 5Page - STMicroelectronics STM32H750VB Datasheet HTML 6Page - STMicroelectronics STM32H750VB Datasheet HTML 7Page - STMicroelectronics STM32H750VB Datasheet HTML 8Page - STMicroelectronics STM32H750VB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 337 page
background image
Contents
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
4/336
DS12556 Rev 6
3.20
Digital-to-analog converters (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.21
Ultra-low-power comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.22
Operational amplifiers (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.23
Digital filter for sigma-delta modulators (DFSDM) . . . . . . . . . . . . . . . . . . 36
3.24
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.25
LCD-TFT controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
3.26
JPEG Codec (JPEG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
3.27
True random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . 38
3.28
Cryptographic acceleration (CRYP and HASH) . . . . . . . . . . . . . . . . . . . . 39
3.29
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.29.1
High-resolution timer (HRTIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.29.2
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.29.3
General-purpose timers (TIMx) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.29.4
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.29.5
Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4, LPTIM5) . . . . 43
3.29.6
Independent watchdog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.29.7
Window watchdog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.29.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.30
Real-time clock (RTC), backup SRAM and backup registers . . . . . . . . . . 44
3.31
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.32
Universal synchronous/asynchronous receiver transmitter (USART) . . . 45
3.33
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 46
3.34
Serial peripheral interfaces (SPI)/integrated interchip
sound interfaces (I2S) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.35
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.36
SPDIFRX Receiver Interface (SPDIFRX) . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.37
Single wire protocol master interface (SWPMI) . . . . . . . . . . . . . . . . . . . . 48
3.38
Management Data Input/Output (MDIO) slaves . . . . . . . . . . . . . . . . . . . . 49
3.39
SD/SDIO/MMC card host interfaces (SDMMC) . . . . . . . . . . . . . . . . . . . . 49
3.40
Controller area network (FDCAN1, FDCAN2) . . . . . . . . . . . . . . . . . . . . . 49
3.41
Universal serial bus on-the-go high-speed (OTG_HS) . . . . . . . . . . . . . . . 50
3.42
Ethernet MAC interface with dedicated DMA controller (ETH) . . . . . . . . . 50
3.43
High-definition multimedia interface (HDMI)
- consumer electronics control (CEC) . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.44
Debug infrastructure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More