công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SY75603B bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện SY75603B
Giải thích chi tiết về linh kiện  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75603B bảng dữ liệu(HTML) 3 Page - Microchip Technology

  SY75603B Datasheet HTML 1Page - Microchip Technology SY75603B Datasheet HTML 2Page - Microchip Technology SY75603B Datasheet HTML 3Page - Microchip Technology SY75603B Datasheet HTML 4Page - Microchip Technology SY75603B Datasheet HTML 5Page - Microchip Technology SY75603B Datasheet HTML 6Page - Microchip Technology SY75603B Datasheet HTML 7Page - Microchip Technology SY75603B Datasheet HTML 8Page - Microchip Technology SY75603B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 3
SY75602A/02B/603A/03B/604A/04B
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD).................................................................................................................................–0.5V to +4.6V
Input Voltage (VIN) ............................................................................................................................. –0.5V to VDD +0.5V
Input ESD Protection (HBM)...................................................................................................................................... 2 kV
Operating Ratings ‡
1.8V Operating Voltage (VDD)...............................................................................................................+1.62V to +1.98V
2.5V Operating Voltage (VDD)...............................................................................................................+2.25V to +2.75V
3.3V Operating Voltage (VDD)...............................................................................................................+2.97V to +3.63V
† Notice: Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only
and functional operation is not implied at conditions other than those detailed in the operational sections of this data
sheet. Exposure to absolute maximum ratings conditions may affect device reliability.
‡ Notice: The data sheet limits are not ensured if the device is operated beyond the recommended operating
conditions.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V ±10%, 2.5V±10%; 1.8V±10%; TA = –40°C to +105°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Current Consumption
Core Device Current
IDD
—
9
13
mA
SY75602, Output current
excluded (no load)
—
9
13
SY75603/04, all outputs
disabled
Current dissipation per each
LP-HCSL output
IOUT_HCSL
—
3.5
3.9
mA Note 1
Power Supply Noise Rejection Ratio Characteristics
Power Supply Noise
Rejection Ratio
PSNRRHSCL
—
70
—
dB
100 mVPP, 100 kHz noise
injected to VDD. Clock
Frequency 100 MHz, VDD = 3.3V
Input Characteristics
Input Slew Rate
SRIN
0.6
—
—
V/ns —
Differential Input High
Voltage
VIH
0.15
—
—
V
—
Differential Input Low Voltage
VIL
—
—
–0.15
V
—
Input Voltage Swing
VSWING
0.15
—
—
VDIFF —
Absolute Crossing Point
Voltage
VCROSS
0.25
—
0.55
V
—
Variation of VCROSS Over All
Edges
VCROSS_DELTA
—
—
0.14
V
—
Voltage High for Output
Enable
VIH_OE
0.7* VDD
—
—
V
SY75603/4 only
Voltage Low for Output
Enable
VIL_OE
—
—
0.3* VDD
V
SY75603/4 only
Input Leakage Current
IIL_IN
–5
—
5
µA
VIN = VIN(MAX), VIN = GND
Input Capacitance
CIN
—
—
5
pF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com