công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MD1716 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện MD1716
Giải thích chi tiết về linh kiện  3-Channel 3-Level High-Speed Ultrasound Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1716 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button MD1716 Datasheet HTML 7Page - Microchip Technology MD1716 Datasheet HTML 8Page - Microchip Technology MD1716 Datasheet HTML 9Page - Microchip Technology MD1716 Datasheet HTML 10Page - Microchip Technology MD1716 Datasheet HTML 11Page - Microchip Technology MD1716 Datasheet HTML 12Page - Microchip Technology MD1716 Datasheet HTML 13Page - Microchip Technology MD1716 Datasheet HTML 14Page - Microchip Technology MD1716 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2020 Microchip Technology Inc.
DS20005924A-page 11
MD1716
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available characters
for product code or customer-specific information. Package may or not include
the corporate logo.
3
e
3
e
40-lead QFN
Example
XXXXXX
YYWWNNN
XX
MD1716
2014357
K6
e3
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16