công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8545ATT bảng dữ liệu(PDF) 42 Page - NXP Semiconductors

tên linh kiện PCF8545ATT
Giải thích chi tiết về linh kiện  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT bảng dữ liệu(HTML) 42 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT Datasheet HTML 40Page - NXP Semiconductors PCF8545ATT Datasheet HTML 41Page - NXP Semiconductors PCF8545ATT Datasheet HTML 42Page - NXP Semiconductors PCF8545ATT Datasheet HTML 43Page - NXP Semiconductors PCF8545ATT Datasheet HTML 44Page - NXP Semiconductors PCF8545ATT Datasheet HTML 45Page - NXP Semiconductors PCF8545ATT Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
42 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
19. Abbreviations
20. References
[1]
AN10170 — Design guidelines for COG modules with NXP monochrome LCD
drivers
[2]
AN10365 — Surface mount reflow soldering description
[3]
AN10439 — Wafer Level Chip Size Package
[4]
AN10706 — Handling bare die
[5]
AN10853 — ESD and EMC sensitivity of IC
[6]
AN11267 — EMC and system level ESD design guidelines for LCD drivers
[7]
IEC 60134 — Rating systems for electronic tubes and valves and analogous
semiconductor devices
[8]
IEC 61340-5 — Protection of electronic devices from electrostatic phenomena
[9]
JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM)
[10] JESD78 — IC Latch-Up Test
[11] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices
[12] R_10015 — Chip-On-Glass (COG) - a cost-effective and reliable technology for
LCD displays
[13] UM10204 — I2C-bus specification and user manual
[14] UM10569 — Store and transport requirements
Table 32.
Abbreviations
Acronym
Description
CMOS
Complementary Metal-Oxide Semiconductor
DC
Direct Current
HBM
Human Body Model
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
LCD
Liquid Crystal Display
LSB
Least Significant Bit
MSB
Most Significant Bit
RAM
Random Access Memory
RC
Resistance and Capacitance
RMS
Root Mean Square
SCL
Serial CLock line
SDA
Serial DAta Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com