công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAN-MDEV-FFF-PRO-UG bảng dữ liệu(PDF) 24 Page - Linx Technologies

tên linh kiện MAN-MDEV-FFF-PRO-UG
Giải thích chi tiết về linh kiện  The Linx HumPROTM Series data transceiver modules offer a simple
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINX [Linx Technologies]
Trang chủ  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MAN-MDEV-FFF-PRO-UG bảng dữ liệu(HTML) 24 Page - Linx Technologies

Back Button MAN-MDEV-FFF-PRO-UG Datasheet HTML 20Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 21Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 22Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 23Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 24Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 25Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 26Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 27Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 28Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
–
–
20
The Command Set tab (Figure 21) allows specific commands to be written
to the module.
1. The Command box shows the hexadecimal values that are written to
the module. Values can be typed into the box or a command can be
selected from the Commands menu.
2. The Response box shows the hexadecimal values that are returned
from the module in response to a command.
3. The Commands drop-down menu shows all of the commands that
are available for the active module (Figure 22). Selecting one of the
commands from this menu automatically fills in the Command box. The
values can be adjusted by typing in the box.
4. The Items drop down menu displays all of the items that are available
for the active module (Figure 23). Selecting one of the items from
this menu automatically fills in the Command box. The values can be
adjusted by typing in the box.
5. Clicking Send writes the values in the Command box to the module.
6. The structure of the selected command and its response is shown in
the main window. Please see the HumPRO™ Series Transceiver Data
Guide for definitions of each value.
7. The Show Commands button opens a window that shows the bytes
sent to the module and the responses from the module (Figure 24).
4
1
2
3
6
Figure 21: The Master Development System Software Command Set Tab
7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com