| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ANT-W63WS1-RPS bảng dữ liệu(PDF) 3 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63WS1-RPS bảng dữ liệu(HTML) 3 Page - Linx Technologies |
|
3 / 14 page ![]() 3 Datasheet ANT-W63WS1 Series Antenna Orientation The W63WS1 series antenna is characterized in two antenna orientations as shown in Figure 2. The antenna straight orientation characterizes use of an antenna attached to an enclosure-mounted connector which is connected by cable to a printed circuit board. Although the antenna is a dipole not requiring a ground plane for function, characterizaton with an adjacent ground plane, (102 mm x 102 mm) provides insight into antenna performance when attached directly to a printed circuit board mounted connector. The two orientations represent the most common end-product use cases. Straight, without ground plane On edge of ground plane, bent 90 degrees Figure 2. ANT-W63WS1 Series Antenna on evaluation PCB Straight, No Ground Plane The charts on the following pages represent data taken with the antenna oriented straight, as shown in Figure 3. Figure 3. ANT-W63WS1-SMA Straight, No Ground Plane (Straight) |