công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSC050 bảng dữ liệu(PDF) 1 Page - Vitesse Semiconductor Corporation

tên linh kiện SSC050
Giải thích chi tiết về linh kiện  I2C Backplane Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

SSC050 bảng dữ liệu(HTML) 1 Page - Vitesse Semiconductor Corporation

  SSC050 Datasheet HTML 1Page - Vitesse Semiconductor Corporation SSC050 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
SSC050
I
2C Backplane Controller
Product Brief
Overview
The SSC050 I
2C Backplane Controller is a CMOS
integrated circuit, which enables a system designer
to reduce system cost by integrating all of the digital
logic typically required in a storage enclosure. The
SSC050 may be used in any embedded control
application including parallel SCSI, Fibre Channel
or any other application where the monitoring and
control of a large number of digital I/O signals is
required.
Programming the SSC050 is easy
through a convenient programming model, which
reduces the overall duration of the design-in cycle.
Data is read and written to the device over an
addressable (3-bit) I
2C serial interface, allowing
multiple SSC050 devices on a single two-wire bus.
Device Features
• I2C Serial Interface (DC to 400Khz)
• 4 Fan Speed Monitor Inputs
• 40 Programmable, Bi-directional I/O Pins
• Flexible FC-AL Port Bypass Control Logic
• Bit Programmable Interrupt Control
• Seven LED Flash Rates
• 64 PQFP Package
I
2C Serial Interface
The SSC050 uses an I
2C serial interface to
communicate with embedded controllers such as
Vitesse’s SSC100/200 and VSC205/210. The slave
interface on the SSC050 uses a three-bit (A2:0)
addressing scheme for identification on the serial
interface. The ASEL pin determines the four-bit
device type identifier. Up to sixteen, SSC050 or
VCS055 devices may reside on a single I
2C serial
interface.
I/O Pins
The SSC050 has forty bi-directional I/O pins. The
functionality of these pins is configurable via
programming of the SSC050. All I/O pins have a
12mA drive strength and support 3.3V TTL.
To
enable the designer to configure and program the
SSC050, the forty I/Os are arranged in registers of
eight pins. Certain groups of pins have additional
functionality beyond simple input or output to
support the integrated fan speed sensors and
FC-AL port bypass control.
Drive Bay 1
Drive Bay 2
Drive Bay 3
Drive Bay 4
VSC7122
VITESSE
Backplane
Controller
(VSC050)
Local I/O (x8)
VITESSE
Embedded
Controller
(SSC100)
Temperature
Sensor (LM75)
Flash
(64K x 8)
I2C Serial
Interface
PBC_EN1
PBC_EN2
PBC_EN3
PBC_EN4
Power Supplies
LEDs (x8)
PBC_EN
Fans (x4)
Cu or
Optics
X24C16
EEPROM
VSC7120
PBC_EN
Application for a Single Loop, Single Controller with Four Drives


Số phần tương tự - SSC050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
SSC050-01 MAXIM-SSC050-01 Datasheet
763Kb / 79P
Two-Wire Serial Backplane Controller
Revision 4.0 November 10, 2004
logo
Superworld Electronics
SSC0502 SUPERWORLD-SSC0502 Datasheet
401Kb / 5P
SMD POWER INDUCTORS
SSC0502100YZF SUPERWORLD-SSC0502100YZF Datasheet
401Kb / 5P
SMD POWER INDUCTORS
SSC0502100YZF-11 SUPERWORLD-SSC0502100YZF-11 Datasheet
406Kb / 5P
SMD POWER INDUCTORS
SSC0502100YZF-22 SUPERWORLD-SSC0502100YZF-22 Datasheet
406Kb / 5P
SMD POWER INDUCTORS
More results

Mô tả tương tự - SSC050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
Digital Signal Controller Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
logo
Alpha & Omega Semicondu...
AOZ97774QE AOSMD-AOZ97774QE Datasheet
665Kb / 8P
Dual Digital Multiphase Controller Product Brief
Rev. 1.0 May 2021
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com